Part Number Hot Search : 
713MUQ 28C65 NL1027 21332 V375C SKKH92 HAL3727 VLZ10A
Product Description
Full Text Search
 

To Download TSOP12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay TSOP12.. document number 82013 rev. 11, 23-jun-03 vishay semiconductors www.vishay.com 1 94 8691 1 2 3 ir receiver modules for remote control systems description the TSOP12.. - series are miniaturized receivers for infrared remote control systems. pin diode and preamplifier are assembled on lead frame, the epoxy package is designed as ir filter. the demodulated output signal can directly be decoded by a microprocessor. TSOP12.. is the stan- dard ir remote control receiver series, supporting all major transmission codes. features ? photo detector and preamplifier in one package  internal filter for pcm frequency  improved shielding against electrical field distur- bance  ttl and cmos compatibility  output active low  low power consumption special features  improved immunity against ambient light  suitable burst length 10 cycles/burst parts table block diagram application circuit part carrier frequency TSOP1230 30 khz TSOP1233 33 khz TSOP1236 36 khz TSOP1237 36.7 khz TSOP1238 38 khz TSOP1240 40 khz TSOP1256 56 khz 30 k ? 2 3 1 v s out demo- gnd pass agc input pin band dulator control circuit 16832 c 1 = 4.7 f tsopxxxx out gnd circuit c r 1 =100 ? +v s gnd transmitter with tsalxxxx v s r 1 +c 1 recommended to suppress power supply disturbances. v o the output voltage should not be hold continuously at a voltage below v o = 3.3 v by the external circuit. 16842
www.vishay.com 2 document number 82013 rev. 11, 23-jun-03 vishay TSOP12.. vishay semiconductors absolute maximum ratings t amb = 25 c, unless otherwise specified electrical and optical characteristics t amb = 25 c, unless otherwise specified parameter test condition symbol value unit supply voltage (pin 2) v s - 0.3 to + 6.0 v supply current (pin 2) i s 5 ma output voltage (pin 3) v o - 0.3 to + 6.0 v output current (pin 3) i o 5 ma junction temperature t j 100 c storage temperature range t stg - 25 to + 85 c operating temperature range t amb - 25 to + 85 c power consumption (t amb 85 c) p tot 50 mw soldering temperature t 10 s, > 1 mm from case t sd 260 c parameter test condition symbol min ty p. max unit supply current (pin 2) v s = 5 v, e v = 0 i sd 0.8 1.2 1.5 ma v s = 5 v, e v = 40 klx, sunlight i sh 1.5 ma supply voltage (pin 2) v s 4.5 5.5 v transmission distance e v = 0, test signal see fig.1, ir diode tsal6200, i f = 400 ma d 35 m output voltage low (pin 3) i osl = 0.5 ma,e e = 0.7 mw/m 2 , f = f o , test signal see fig. 1 v osl 250 mv irradiance (30 - 40 khz) pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig.1 e e min 0.35 0.5 mw/m 2 irradiance (56 khz) pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig.1 e e min 0.4 0.6 mw/m 2 irradiance t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e max 30 w/m 2 directivity angle of half transmission distance ? 1/2 45 deg
vishay TSOP12.. document number 82013 rev. 11, 23-jun-03 vishay semiconductors www.vishay.com 3 typical characteristics (t amb = 25 c unless otherwise specified) figure 1. output function figure 2. pulse length and sensitivity in dark ambient figure 3. output function e e t t pi * t * t pi  10/fo is recommended for optimal function v o v oh v ol t 16110 optical test signal (ir diode tsal6200, i f = 0.4 a, 30 pulses, f = f 0 , t = 10 ms) output signal t d 1) t po 2) 1) 7/f 0 < t d < 15/f 0 2) t pi ?5/f 0 < t po < t pi +6/f 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10.0 100.0 1000.010000.0 e e ? irradiance ( mw/m 2 ) 16908 input burst duration  = 950 nm, optical test signal, fig.1 output pulse t ? output pulse width ( ms ) po e e t v o v oh v ol t 600  s 600  s t = 60 ms t on t off 94 8134 optical t est signal output signal , ( see fig.4 ) figure 4. output pulse diagram figure 5. frequency dependence of responsivity figure 6. sensitivity in bright ambient t ,t ? output pulse width ( ms ) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10.0 100.0 1000.010000.0 e e ? irradiance ( mw/m 2 ) 16909 to ff  = 950 nm, optical test signal, fig.3 to n on off 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.7 0.9 1.1 1.3 f/f 0 ? relative frequency 16925 f = f 0  5%  f ( 3db ) = f 0 /10 e / e ? rel. responsivity e min e 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.01 0.10 1.00 10.00 100.00 e ? ambient dc irradiance (w/m 2 ) 16911 correlation with ambient light sources: 10w/m 2  1.4klx (std.illum.a,t=2855k) 10w/m 2  8.2klx (daylight,t=5900k) ambient,  = 950 nm e ? threshold irradiance ( mw/m ) e min 2
www.vishay.com 4 document number 82013 rev. 11, 23-jun-03 vishay TSOP12.. vishay semiconductors figure 7. sensitivity vs. supply voltage disturbances figure 8. sensitivity vs. electric field disturbances figure 9. max. envelope duty cycle vs. burstlength 0.0 0.5 1.0 1.5 2.0 0.1 1.0 10.0 100.0 1000.0  v srms ? ac voltage on dc supply voltage (mv) 16912 f = f o f = 10 khz e ? threshold irradiance ( mw/m ) e min 2 f = 1 khz f = 100 hz e ? threshold irradiance ( mw/m ) 0.0 0.4 0.8 1.2 1.6 0.0 0.4 0.8 1.2 2.0 e ? field strength of disturbance ( kv/m ) 2.0 94 8147 1.6 e min 2 f(e) = f 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 20 40 60 80 100 120 burst length ( number of cycles / burst ) 16913 f = 38 khz, e e = 2 mw/m 2 max. envelope duty cycle figure 10. sensitivity vs. ambient temperature figure 11. relative spectral sensitivity vs. wavelength figure 12. horizontal directivity ? x 0.0 0.1 0.2 0.3 0.4 0.5 0.6 ?30?150 153045607590 t amb ? ambient temperature ( q c ) 16918 sensitivity in dark ambient e ? threshold irradiance ( mw/m ) e min 2 750 850 950 1050 0 0.2 0.4 0.6 0.8 1.2 s ( ) ? relative spectral sensitivity rel  ? wavelength ( nm ) 1150 94 8408 1.0  95 11340p2 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 d rel - relative transmission distance
vishay TSOP12.. document number 82013 rev. 11, 23-jun-03 vishay semiconductors www.vishay.com 5 suitable data format the circuit of the TSOP12.. is designed in that way that unexpected output pulses due to noise or distur- bance signals are avoided. a bandpass filter, an inte- grator stage and an automatic gain control are used to suppress such disturbances. the distinguishing mark between data signal and dis- turbance signal are carrier frequency, burst length and duty cycle. the data signal should fulfill the following conditions:  carrier frequency should be close to center fre- quency of the bandpass (e.g. 38 khz).  burst length should be 10 cycles/burst or longer.  after each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is necessary.  for each burst which is longer than 1.8 ms a corre- sponding gap time is necessary at some time in the data stream. this gap time should be at least 4 times longer than the burst.  up to 800 short bursts per second can be received continuously. some examples for suitable data format are: nec code (repetitive pulse), nec code (repetitive data), toshiba micom format, sharp code, rc5 code, rc6 code, r-2000 code, sony code. when a disturbance signal is applied to the TSOP12.. it can still receive the data signal. however the sensi- tivity is reduced to that level that no unexpected pulses will occur. some examples for such disturbance signals which are suppressed by the TSOP12.. are:  dc light (e.g. from tungsten bulb or sunlight)  continuous signal at 38 khz or at any other fre- quency  signals from fluorescent lamps with electronic bal- last with high or low modulation (see figure 14 or fig- ure 15). figure 13. vertical directivity ? y 95 11339p2 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 d rel - relative transmission distance figure 14. ir signal from fluorescent lamp with low modulation figure 15. ir signal from fluorescent lamp with high modulation 0 5 10 15 20 time ( ms ) 16920 ir signal ir signal from fluorescent lamp with low modulation 0 5 10 15 20 time ( ms ) 16921 ir signal ir signal from fluorescent lamp with high modulation
www.vishay.com 6 document number 82013 rev. 11, 23-jun-03 vishay TSOP12.. vishay semiconductors package dimensions in mm 96 12116 +0.1
vishay TSOP12.. document number 82013 rev. 11, 23-jun-03 vishay semiconductors www.vishay.com 7 ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of TSOP12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X